PART |
Description |
Maker |
CY7C68013A-128AXI CY7C68013A-56LTXCT |
EZ-USB FX2LPUSB Microcontroller 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller; # Endpoints: 7; Core: Enhanced 8051; Data Transfers: Bulk, Interrupt, Isochronous; Development Kit: CY3684
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CY7C68013A CY7C68013A-100AC CY7C68013A-128AXC CY7C |
CAC 2C 2#12 PIN PLUG 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 Light Pipe; Mounting Hole Dia:3.5mm; Material:Polycarbonate; Length:10.2mm; Color:Clear; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes EZ-USB FX2LP USB Microcontroller EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
AT90USB162-16AU ATMEGA48-15AZ TSC80C51CXXX-40CA TS |
8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP32 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 30 MHz, MICROCONTROLLER, PQFP44
|
ATMEL Corporation TEMIC SEMICONDUCTORS List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
AT90USB646-AU TS87C51RB2-VIB TS80C31X2-LIEB AT90US |
8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller 8-BIT, OTPROM, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT, 30 MHz, MICROCONTROLLER, PQFP44
|
ATMEL Corporation TEMIC SEMICONDUCTORS
|
SSU1N60A SSR1N60A |
EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 900MA I(D) | TO-252AA EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 900mA的一(d)|51AA
|
Analog Devices, Inc.
|
CY7C65013-PVC CY7C65113-PC CY7C65113-SC CY7C65013- |
USB Hub with Microcontroller 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PDSO48
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AT43USB35502 AT43USB355 |
Full-speed USB microcontroller with a 12 MIPS AVR, 3 function endpoints, a 2-port Hub and 12-channel 10-bit ADC, PWM and 24 Kbytes of program SRAM or mask ROM Full speed USB Microcontroller with Embedded Hub, ADC and PWM
|
ATMEL Corporation
|
CY7C68013A-56LFC CY7C68015A-56LFC |
EZ-USB FX2LP USB microcontroller. High-speed USB peripheral controller. RAM size 16K. Prog. I/Os 24.
|
Cypress
|
AT43USB351M04 AT43USB351M-AC AT43USB351M |
Low-/full-speed configurable USB microcontroller with a 1.5/12/24 MIPS AVR, 5 function endpoints, 12-channel 10-bit ADC, PWM and 24 Kbytes of program ROM Full-speed/ Low-speed USB Microcontroller with ADC and PWM
|
ATMEL[ATMEL Corporation]
|
STM32F205ZCT6XXX STM32F205ZCT6TR STM32F205RCY6TR S |
32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, ROHS COMPLIANT, LQFP-144 32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PBGA66 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
ST Microelectronics STMICROELECTRONICS
|
LPC242010 |
Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
|
NXP Semiconductors
|